Part Number Hot Search : 
P4SMA91 PE8025 CM400 ISD4004 110011 PC2500H 74LS14P A2810
Product Description
Full Text Search
 

To Download EE14-511G-12500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 851-5040. PHONE (630) 851-4722. HTTP://WWW.CONWIN.COM
PRODUCT
D AT A
SHEET
CRYSTAL CONTROLLED OSCILLATORS 14 PIN 3.3V LVPECL CLOCK OSCILLATOR
CW 0107 EE14-511G 125.00M
ABSOLUTE M AXIMUM RATING S
PARAMETER Storage Temperature Supply Voltage (Vcc) UNITS MINIMUM -40 -0.5 NOMINAL MAXIMUM 85 7.0 UNITS C Vdc
TABLE 1.0 NOTE
EE14-511G, EE14-521G, EE14-531G, EE14-541G
DESCRIPTION
MODEL SPECIFICATIONS : MODEL EE14-511G
Center Frequency Total Frequency Tolerance (Fo) 13 -25 225 25 MHz ppm
TABLE 2.0
1
MODEL EE14-521G
Center Frequency Total Frequency Tolerance (Fo) 13 -50 230 50 MHz ppm 1
MODEL EE14-531G
Center Frequency Total Frequency Tolerance (Fo) 13 -100 230 100 MHz ppm 1
MODEL EE14-541G
Center Frequency Total Frequency Tolerance (Fo) 13 -20 225 20 MHz ppm 1
The Connor-Winfield EE145xxG series are fixed frequency Crystal Controlled Oscillators (XO) designed for applications requiring low jitter and a tight frequency stability. Operating at 3.3V supply voltage, the EE14-5xx series provides LVPECL Differential outputs.
FEATURES
OPERATING SPECIFIC ATIONS
PARAMETER Operating Temperature Range Supply Voltage Supply Current Jitter (BW=10Hz to 20MHz) Jitter (BW=12kHz to 20MHz) SSB Phase Noise at 100Hz offset SSB Phase Noise at 1KHz offset SSB Phase Noise at 10KHz offset SSB Phase Noise at 100KHz offset (Vcc) (Icc) MINIMUM 0 3.135 NOMINAL 3.3 -60 -100 -130 -140 MAXIMUM 70 3.465 60 5 1 UNITS C Vdc mA pS RMS pS RMS dBc/Hz dBc/Hz dBc/Hz dBc/Hz
TABLE 3.0 NOTE
3.3V OPERATION LOW JITTER <1pS RMS LVPECL DIFFERENTIAL OUTPUTS OVERALL FREQUENCY TOLERANCE: MODEL EE14-511G 25ppm MODEL EE14-521G 50ppm MODEL EE14-531G 100ppm MODEL EE14-541G 20ppm
PECL OUTPUT CHARACTERISTICS
PARAMETER LOAD Voltage (High) (Low) Duty Cycle Rise / Fall Time 20% to 80% MINIMUM 2.275 45 NOMINAL 50 MAXIMUM 50 1.68 55 1 UNITS Ohms Vdc Vdc % nS
TABLE 4.0 NOTE 2
TEMPERATURE RANGE: 0 to 70C HERMETICALLY SEALED 14 PIN DIP PACKAGE RoHS COMPLIANT / LEAD FREE
(Voh) (Vol)
3
ORDERING INFORMATION
PACKAG E CHARACTERISTICS
Package Hermetically sealed, 14 pin DIP metal package.
TABLE 5.0
EE14-511G - 125.00 MHz
LVPECL CLOCK SERIES CENTER FREQUENCY
Notes 1) Inclusive of calibration tolerance @ 25C, frequency vs. temperature, frequency vs. change in supply voltage, frequency vs. load variations, shock and vibration and 10 years aging. 2) Output must be terminated into 50 ohms to Vcc - 2V or Thevenin equivalent. 3) Duty Cycle measured at 1.977V
Specifications subject to change without notice. DATA SHEET #: Ec224 PAGE 1 OF 2 REV: 00 DATE: 02/24/06
aCopyright 2001 Connor-Winfield all rights reserved.
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 851-5040. PHONE (630) 851-4722. HTTP://WWW.CONWIN.COM
PRODUCT
D AT A
SHEET
CRYSTAL CONTROLLED OSCILLATORS
Package Outline
.260
(6.60mm)
Pin Connections
Pin 1 7 8 14
TABLE 6.0 Connection Q Output Ground Q Output Vcc
Dimensional Tolerance: .005 (.127mm) .02 (.508mm)
Output Waveform
Reflow Profile
Test Circuit
Specifications subject to change without notice. DATA SHEET #: Ec224 PAGE 2 OF 2 REV: 00 DATE: 02/24/06
aCopyright 2001 Connor-Winfield all rights reserved.


▲Up To Search▲   

 
Price & Availability of EE14-511G-12500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X